PART |
Description |
Maker |
AS7C331MPFD32A-36A_V1.1 AS7C331MPFD36A-200TQIN AS7 |
LM4041 Precision Micropower Shunt Voltage Reference; Package: SC-70; No of Pins: 5 1M X 36 STANDARD SRAM, 3.1 ns, PQFP100 LM4041 Precision Micropower Shunt Voltage Reference; Package: TO-92; No of Pins: 3 1M X 36 STANDARD SRAM, 3.5 ns, PQFP100 3.3V 1M x 32/36 pipelined burst synchronous SRAM 1M X 32 STANDARD SRAM, 3.8 ns, PQFP100 LM4040 Precision Micropower Shunt Voltage Reference; Package: TO-92; No of Pins: 3 LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3 LM4040 Precision Micropower Shunt Voltage Reference; Package: SC-70; No of Pins: 5 LM4041 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3 From old datasheet system
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
NJU7021 NJU7021D NJU7021M NJU7021V NJU7022 NJU7022 |
OP-AMP, 10000 uV OFFSET-MAX, 0.4 MHz BAND WIDTH, PDSO8 4.096-V Precision Micropower Shunt Voltage Reference, 0.2% accuracy 3-SOT-23 -40 to 85 3-V Precision Micropower Shunt Voltage Reference, 0.2% accuracy 3-TO-92 -40 to 85 LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
LMP7300 LMP7300MA LMP7300MAX LMP7300MM |
Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
|
http://
|
LT1101 LT1101AC LT1101ACH LT1101ACJ8 LT1101ACN8 LT |
From old datasheet system Precision Micropower Single Supply Instrumentation Amplifier(Fixed Gain=10 or 100) Precision, Micropower, Single Supply Instrumentation Amplifier(Fixed Gain=10 or 100) JT 18C 18#20 PIN WALL RECP Precision/ Micropower/ Single Supply Instrumentation Amplifier(Fixed Gain=10 or 100)
|
LINER[Linear Technology] Linear Technology Corporation
|
LT1782 LT2178A LT1175-5 LTC2402 LTC1966 LTC196611 |
Precision Micropower RMS-to-DC Converter Precision Micropower, Delta Sigma RMS-to-DC Converter; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C RMS TO DC CONVERTER, PDSO8
|
LINEAR TECHNOLOGY CORP
|
AS7C331MPFS32A-36A_V2.9 AS7C331MPFS36A-200TQIN AS7 |
LM4041 Precision Micropower Shunt Voltage Reference; Package: SC-70; No of Pins: 5 1M X 32 STANDARD SRAM, 3.5 ns, PQFP100 LM4041 Precision Micropower Shunt Voltage Reference; Package: TO-92; No of Pins: 3 1M X 32 STANDARD SRAM, 3.5 ns, PQFP100 LM4041 Precision Micropower Shunt Voltage Reference; Package: SC-70; No of Pins: 5 1M X 36 STANDARD SRAM, 3.1 ns, PQFP100 3.3V 1M x 32/36 pipelined burst synchronous SRAM 1M X 36 STANDARD SRAM, 3.8 ns, PQFP100 LM4041 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3 From old datasheet system
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
LM4041DIM3-ADJ LM4040AIM3-5.0 LM4040BIM3-4.1 LM404 |
Precision Micropower Shunt Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 4.096 V, PDSO3 SCSI Unshld SR 50Ckt Precision Micropower Shunt Voltage Reference
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
ZREF12Z ZREF12 ZREF12D |
PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.24 V, PDSO8 PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.24 V, PSIP3
|
ZETEX[Zetex Semiconductors] Zetex Semiconductor PLC
|